PART |
Description |
Maker |
X2816ADI X2816ADI-35 X2816ADI-45 X2816ADM X2816ADM |
x8EEPROM
128Kx8 EEPROM
|
EEPROM
|
X28HC256J-12 X28HC256 |
156K high speed CMOS EEPROM (32K X 8) x8EEPROM
|
Xicor
|
PUMA68F4001I-15 PUMA68F4001MB-17 PUMA68F4001M-17 P |
x32 Flash EEPROM Module 1M (64K X 16), 3V, FLASH, VSOP, COM TEMP(FLASH) X32号,闪存EEPROM模块
|
Macronix International Co., Ltd.
|
AT89LS8252 AT89S8252 |
Low Voltage, Downloadable MCU with 8K bytes Flash and 2K bytes EEPROM. In-System Programmable Microcontroller with 8K bytes Flash & 2K bytes EEPROM
|
Atmel
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
CAT28C16AKI-20 CAT25C03U-1.8 CAT25040YI-GT3 CAT24W |
EEPROM (256x8) 2K 1.8-6.0 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS EEPROM (4kx8) 32K 1.8-6.0 EEPROM (2048x8) 16K EEPROM (256x8) 2K 2.5-6.0 EEPROM 64K X 8 512K 5V EEPROM (256x8) (128x16) 2K EEPROM (8kx8) 64K 3V EEPROM (512x8) (256x16) 4K EEPROM (2048x8)(1024x16)16K EEPROM (128x8) 1k 1.8-6.0 EEPROM (8kx8) 64K 1.8-6.0 EEPROM 16K-Bit CMOS PARA EEPROM EEPROM (512x8) 4k 2.5-6.0 EEPROM (4096x8) 32k 1.8-6.0 EEPROM (384x8) 128k 16 EEPROM (2Kx8) 16K 5V 90ns
|
Electronic Theatre Controls, Inc. ON Semiconductor Qualtek Electronics, Corp. Lumex, Inc. Vicor, Corp. EPCOS AG NXP Semiconductors N.V. Atmel, Corp. Linear Technology, Corp. Amphenol, Corp. Bourns, Inc. TE Connectivity, Ltd. Integrated Silicon Solution, Inc. Anpec Electronics, Corp.
|
LH28F016SCHB-L90 LH28F016SCHB-L100 LH28F016SCHB-L1 |
EEPROM EEPROM x8 Flash EEPROM x8闪存EEPROM
|
Sharp, Corp.
|
BM29F400T-15TC BM29F400T-90TC BM29F400T-12TC |
x8/x16 Flash EEPROM 256K X 16 FLASH 5V PROM, 120 ns, PDSO48
|
WINBOND ELECTRONICS CORP
|
AS29LV400 AS29LV400B-70TC AS29LV400B-70TI AS29LV40 |
3V 512K x 8/256K x 16 CMOS flash EEPROM, 700ns access time 3V 512K x 8/256K x16 CMOS Flash EEPROM
|
Alliance Semiconductor List of Unclassifed Manufacturers
|
LH28F160S5HB-L70 LH28F160S5HB-L10 LH28F160S5HD-L10 |
1M X 16 FLASH 5V PROM, 80 ns, PDSO56 0.600 INCH, PLASTIC, SSOP-56 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Sharp Electronics, Corp. Sharp, Corp.
|
V29C51004B V29C51004T V29C51004T-70J V29C51004T-70 |
x8 Flash EEPROM x8闪存EEPROM 4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp]
|
AT49F002 AT49F002N-55TC |
x8 Flash EEPROM From old datasheet system 256K x 8 (2M bit), 5-Volt-Only, Top or Bottom Boot Parametric Block Flash
|
Atmel Corp
|